|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 90MHz IF SAW Filter 24MHz Bandwidth Part Number: LBN09019 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 1 dB Bandwidth 1.5 dB Bandwidth 3dB Bandwidth 25 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f013MHz) Material Temperature coefficient Ambient Temperature Package Size Unit MHz dB MHz MHz MHz MHz MHz dB usec Minimum 89.875 24 50 Typical 90 30.8 23.94 24.01 24.13 24.7 24.86 0.8 3.74 52 -8.46 25 Maximum 90.125 35 24.8 1 - dB KHz/C C DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show Matching Configuration L1=10nH INPUT 50 L1 L2 OUTPUT 50 L2=56nH Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN09019 2007-07-04 1.0 Page 1/4 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz IF SAW Filter 24MHz Bandwidth Part Number: LBN09019 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 35.000.5 12.800.5 SIPAT LBN09019 07XX 4.7 4.5 0.450.05 2.540.2 7.620.2 3 6 2 1 4 5 25.400.2 2.540.2 1) 2) 3) 4) *: Pad Number 1 Index SIPAT: Manufacturer name LBN09019: Part Number 07XX: Date Code Input Output Ground 1 5 2,3,4,6 Package: DIP3512 Unit: mm SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN09019 2007-07-04 1.0 Page 2/4 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz IF SAW Filter 24MHz Bandwidth Part Number: LBN09019 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond Type Performance -20.8215 -30.8215 3dB CF = 89.8916MHz -40.8215 3dB = 24.1261MHz 1dB = 23.9399MHz 1.5dB = 24.0044MHz -29.8215 -29.3215 Passband Respond Magnitude(dB) 25dB = 24.6958MHz 40dB = 24.8612MHz Insert Loss = -30.8215dB -50.8215 Passband Ripple = 0.8074dB Ultimate Rejection = 52.8566dB Group Delay = 69.1022ns -60.8215 Phase Linearity = 5.3642deg Absolute Delay = 3742.0861ns -30.3215 -30.8215 -70.8215 -80.8215 -90.8215 -31.3215 -31.8215 -32.3215 -100.8215 -32.8215 -110.8215 -120.8215 -33.3215 60 70 80 90 100 110 120 60 70 80 90 100 Frequency(MHz) 110 120 Horizontal:10MHz/Div Vertical: 10dB/Div Horizontal: 10MHz/Div Vertical: 0.5dB/Div Group Delay Variation(f011MHz) Type Performance 4000 Phase Linearity(f011MHz) Type Performance 15 10 3900 5 3800 Group Delay Time(ns) X: 78.99 Y: 3725 X: 90 Y: 3739 X: 101 Y: 3748 X: 78.99 Y: 0.1757 X: 101 Y: 1.537 X: 90 Y: -0.7311 3700 Degree(deg) 85 90 Frequency(MHz) 95 100 105 110 0 -5 3600 -10 3500 -15 3400 70 75 80 -20 70 75 80 85 90 Frequency(MHz) 95 100 105 110 Horizontal: 5MHz/Div Vertical: 100ns/Div Horizontal: 5MHz/Div Vertical: 5deg/Div Smith Chart S11 +j1.0 +j0.5 +j2.0 Smith Chart S22 +j1.0 +j0.5 +j2.0 +j0.2 +j5.0 +j0.2 +j5.0 0.2 0.5 1.0 2.0 5.0 0.2 0.5 1.0 2.0 0.0 5.0 0.0 -j0.2 -j5.0 -j0.2 -j5.0 -j0.5 -j1.0 -j2.0 -j0.5 -j1.0 -j2.0 SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN09019 2007-07-04 1.0 Page 3/4 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz IF SAW Filter 24MHz Bandwidth Part Number: LBN09019 www.sipatsaw.com SIPAT Co., Ltd. Maximum Ratings Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class C C V dBm [-40C;+85C] [-40C;+105C] 0 10 max 1 SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818 Part Number Rev. Date Ver. LBN09019 2007-07-04 1.0 Page 4/4 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN09019 |